PART |
Description |
Maker |
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22281EA MB84VD22281EA-90-PBS MB84VD22281EE M |
32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM POT 2.0K OHM 1/4 SQ CERM SL MT 32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71
|
Fujitsu Component Limited. Fujitsu Limited Fujitsu, Ltd.
|
MB84VD22181FM-70PBS MB84VD22191FM-70PBS |
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M的(x16)的快闪记忆
|
Spansion Inc. Spansion, Inc.
|
MB84VP23481FK-70PBS MB84VP23481FK-70 |
64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
|
SPANSION[SPANSION]
|
MB84VD22181FM-70 MB84VD22181FM-70PBS MB84VD22191FM |
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
|
SPANSION[SPANSION]
|
MB84VD22290FA-70PBS MB84VD22280FA-70 MB84VD22280FA |
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
|
SPANSION[SPANSION]
|
LH28F320BFHE-PTTLZ1 |
32M (x16) Flash Memory
|
Sharp Electrionic Components
|
LH28F320BFHE-PBTLZ2 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
MBM29DL321TD-80 MBM29DL321TD-80PBT MBM29DL321TD-80 |
FLASH MEMORY 32M (4M x 8/2M x 16) BIT Dual Operation CMOS 32M (4M x 8/2M x16) bit dual operation
|
Fujitsu Microelectronics
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|